PART |
Description |
Maker |
NTD78N03-35G NTD78N03T4G NTD78N03-1G NTD78N03.1G N |
Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: 3 IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 Power MOSFET 25 V, 78 A, Single N?Channel, DPAK
|
ON Semiconductor
|
NTD5406NT4G NTD5406N |
Power MOSFET, 40 V, 70 A, Single N-Channel Power MOSFET 40 V, 70 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12.2 A, 40 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD4NS25 7408 |
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY MOSFET N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY⑩ MOSFET From old datasheet system N-CHANNEL 500V - 2.4 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics
|
SVD2N60T |
2A, 600V NChannel MOSFET
|
Silan Microelectronics Joint-stock
|
3VD045060JL |
Nchannel MOSFET CHIPS
|
Silan Microelectronics Joint-stock
|
NTD4809N NTD4809N-1G NTD4809N-35G NTD4809NT4G |
Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK Power MOSFET 30 V, 58 A, Single N-Channel, DPAK/IPAK; Package: 3.5 mm IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 9 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD4810N NTD4810N-35G NTD4810N-1G NTD4810NT4G |
Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK Power MOSFET 30 V, 54 A, Single N-Channel, DPAK/IPAK; Package: 3.5 mm IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 8.6 A, 30 V, 0.0157 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD3NK80Z STF3NK80Z STP3NK80Z STD3NK80Z-1 STD3NK80 |
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3.8W -.5a TO-220/FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3.8 OHM - 2.5A TO-220/FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD30PF03L STD30PF03L-1 |
P-CHANNEL 30V 0.025 OHM 24A DPAK/IPAK STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET?/a> II POWER MOSFET P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET II POWER MOSFET P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET⑩ II POWER MOSFET PC 5C 5#20 PIN RECP
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STF20NF20 STP20NF20 STD20NF20 |
N-channel 200V - 0.10-18A- DPAK/TO-220/TO-220FP Low gate charge STripFETPower MOSFET N沟道200 0.10 18A条,DPAK/TO-220/TO-220FP低栅极电荷STripFET⑩功率MOSFET N-channel 200V - 0.10ヘ -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET⑩ Power MOSFET N-channel 200V - 0.10Ω -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET Power MOSFET N-channel 200V - 0.10Ω -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET?/a> Power MOSFET
|
STMicroelectronics N.V.
|
|